Part Number Hot Search : 
AK2358F L1939 XRT91L32 2614FS L1939 LCP112E 2K505X PIC16C55
Product Description
Full Text Search
 

To Download MASW-007587-TR3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Features
* Ideal for high power diversity switch applications including WiMax, WLAN MESH Networks, and Fixed Wireless Access * Broadband Performance: DC - 4.0 GHz * Low Insertion Loss: 0.8 dB @ 2.5 GHz and 1.2 dB @ 3.5 GHz * High P1dB Compression: 39.5 dBm @ 5 V * Fast Settling for Low Gate Lag Requirements * Lead-Free 3 mm 12-Lead PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible
MASW-007587 V1
Functional Schematic
GND Tx Rx
GND GND V C1
GND GND V C2
ANT1
Description
M/A-COM's MASW-007587 is a broadband GaAs PHEMT MMIC diversity switch available in a leadfree 3 mm 12-lead PQFN package. The MASW007587 is ideally suited for applications where very small size and high linear power are required. Typical applications include 2.5 & 3.5 GHz WiMax, WLAN MESH networks, fixed wireless access, and other higher power systems. Designed for high power, this DPDT switch maintains high linearity up to 4.0 GHz. The MASW-007587 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9
Pin Name
GND GND V C1 ANT1 GND ANT2 V C2 GND GND Rx GND Tx Paddle
2
ANT2
GND
Description
Ground Ground Control 1 Antenna Port 1 Ground Antenna Port 2 Control 2 Ground Ground Receive Port Ground Transmit Port RF and DC Ground
Ordering Information 1
Part Number
MASW-007587-TR3000 MASW-007587-000SMB
10 11
Package
3000 piece reel Sample Test Board (Includes 5 Samples)
12 13
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 3 V, 39 pF Capacitor 3
Parameter
Insertion Loss4 Test Conditions 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 2.45 GHz 3 - 4 GHz 0.5 - 1 GHz 1 - 2 GHz 2 - 3 GHz 3 - 4 GHz Two Tone, +15 dBm/Tone, 5 MHz Spacing, 2.4 GHz VC = 3 V VC = 5 V VC = 8 V 2.4 GHz, VC = 3 V 2.4 GHz, VC = 5 V 2.4 GHz, VC = 8 V 2.4 GHz, Pin = 15 dBm 2.4 GHz, Pin = 15 dBm 10% to 90% RF 90% to 10% RF 50% control to 90% RF and 50% control to 10% RF -- -- Units dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBc dBc nS nS nS mV A Min. -- -- -- -- -- -- -- -- 24 -- -- -- -- 29 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 0.6 0.7 0.8 0.8 1.2 41.5 35 30 30 27 46.5 43 38 38 32 14 15 19.5 14 57.5 59 60 34 39.5 41 -86 -91 64 80 90 5 5 Max. -- -- -- 1.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10
MASW-007587 V1
Isolation (on/off or off/on) Iso @ Tx when IL from Ant 2 to Rx Iso @ Rx when IL from Ant 1 to Tx
Isolation (on/off or off/on) Iso @ Tx when IL from Ant 1 to Rx Iso @ Rx when IL from Ant 2 to Tx
Return Loss
IP3
Input P1dB
2nd Harmonic 3rd Harmonic Trise, Tfall Ton, Toff Transients Control Current
3. For positive voltage control, external DC blocking capacitors are required on all RF ports. 4. Insertion loss can be optimized by varying the DC blocking capacitor value. For use above 2.5 GHz, M/A-COM recommends using smaller capacitor values. For example, use 5 pF for 3.2 GHz.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Evaluation Board for 3 mm 12-Lead PQFN
MASW-007587 V1
C1 C4 C2 C3
U1
Absolute Maximum Ratings 5,6
Parameter
Input Power @ 3 V Control Input Power @ 5 V Control Voltage Operating Temperature Storage Temperature
Truth Table 7,8
Control VC1
1 0 7. 8.
Absolute Maximum
+35 dBm CW +37 dBm CW 8 volts -40C to +85C -65C to +150C
Control VC2
0 1
ANT 1 ANT 1 ANT 2 ANT 2 - Rx - Tx - Tx - Rx
On Off Off On On Off Off On
Differential voltage, V (state 1) - V (state 0), must be +2.7 V minimum and must not exceed 8.0 V. 1 = +2.9 V to +8 V, 0 = 0 V + 0.2 V.
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Application Schematic
C1 = C2 = C3 = C4 = 39 pF
Handling Procedures
C2 GND Rx
C1 Tx
Please observe the following precautions to avoid damage:
Static Sensitivity
GND GND GND GND
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Vc1 ANT1 ANT2
Vc2
C4
GND
C3
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Typical Performance Curves
Insertion Loss, 4 pF Capacitors
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6
MASW-007587 V1
Insertion Loss, 39 pF Capacitors
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Isolation, 4 pF Capacitors
50
Iso @ Iso @ Iso @ Iso @ Tx when IL from Ant 1 to Rx Rx when IL from Ant 2 to Tx Tx when IL from Ant 2 to Rx Rx when IL from Ant 1 to Tx
Isolation, 39 pF Capacitors
50
Iso @ Iso @ Iso @ Iso @ Tx when IL from Ant 1 to Rx Rx when IL from Ant 2 to Tx Tx when IL from Ant 2 to Rx Rx when IL from Ant 1 to Tx
45
45
40
40
35
35
30
30
25
25
20 0 1 2 3 4 5 6
20 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
S11, S22 vs. Temperature, 4 pF Capacitors
0 -3 -6 -9 -12 -15 -18 -21 0 1 2 3 4 5 6
S11, S22 vs. Temperature, 39 pF Capacitors
0 -3 -6 -9 -12 -15 -18 -21 0 1 2 3 4 5 6
Frequency (GHz)
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
Frequency (GHz)
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
Lead-Free 3 mm 12-Lead PQFN
MASW-007587 V1
Reference Application Note M538 for lead-free solder reflow recommendations.
5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-007587-TR3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X